PART |
Description |
Maker |
HCF4076 HCF4076M013TR |
4 BIT D TYPE REGISTERS 4 BIT D TYPE REGISTERS
|
ST Microelectronics STMicroelectronics
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HD6412350 H8S/2350 H8S/2351 HD6412350F HD6412350TE |
(HD6412350 / HD6432351) 16-BIT MICROCONTROLLER The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general registers and a concise
|
Hitachi Renesas Electronics Corporation.
|
AT28C64-25 AT28C64-20 AT28C64E-1 AT28C64E-12PI AT2 |
64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 250 ns, PDSO28 8-Bit Shift Registers With 3-State Output Registers 16-TSSOP -40 to 85 8K X 8 EEPROM 5V, 250 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 8K X 8 EEPROM 5V, 250 ns, UUC27 64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 150 ns, PDSO28 Dual Positive-Edge-Triggered D-Type Flip-Flops 14-SSOP -40 to 85 8K X 8 EEPROM 5V, 250 ns, PDSO28 64K (8K X 8) CMOS E2PROM 64K 8K x 8 CMOS E2PROM
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
LM393AM LM393AN LM2903I LM2903IM LM2903IN LM2903M |
Dual Comparator; Package: SOIC; No of Pins: 8; Container: Tape & Reel MB 31C 31#16 SKT PLUG 8-Bit Shift Registers With 3-State Output Registers 16-TSSOP -40 to 85 DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PDIP8 Dual Differential Comparator From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AT28C64BNBSP AT28C64B-15PI AT28C64B-20PI AT28C64B- |
64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 150 ns, PDSO28 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-VQFN -40 to 85 8K X 8 EEPROM 5V, 150 ns, PDSO28 64K 8K x 8 CMOS E2PROM 8-Bit Shift Registers With Output Registers 16-SSOP -40 to 85 64K EEPROM with 64-Byte Page & Software Data Protection 64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection From old datasheet system 64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HD74LS166A |
8-bit Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
74LS166 SN74LS166N SN54LS166 SN54LS166J SN74LS166D |
8-BIT SHIFT REGISTERS
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
UT54ACTS164 UT54ACS164 |
8-Bit Shift Registers
|
Aeroflex Circuit Techno...
|
74ABTL3205 74ABTL3205BB |
10-bit BTL transceiver with registers
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HD74LV595ATELL HD74LV595AFPEL HD74LV595ARPEL |
8-bit Shift Registers with 3-state Outputs
|
Renesas Electronics Corporation
|